Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33932 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33932
Description  5.0 A Throttle Control H-Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33932 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33932 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33932 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33932
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33932 Simplified Internal Block Diagram
VDD
LOGIC SUPPLY
CHARGE
PUMP
GATE DRIVE
AND
PROTECTION
LOGIC
CURRENT MIRROR
AND
CONSTANT OFF-TIME
PWM CURRENT REGULATOR
VCP
CCPA
OUT1
OUT2
PGNDA
TO GATES
HS1
LS1
HS2
LS2
VPWRA
VSENSE
ILIM PWM
HS1
HS2
LS1
LS2
LS2
IN1
IN2
EN/D2
D1
SFA
FBA
AGNDA
PGND
VDD
LOGIC SUPPLY
CHARGE
PUMP
GATE DRIVE
AND
PROTECTION
LOGIC
CURRENT MIRROR
AND
CONSTANT OFF-TIME
PWM CURRENT REGULATOR
VCP
CCPB
PGNDB
TO GATES
HS1
LS1
HS2
LS2
VPWRB
VSENSE
ILIM PWM
HS1
HS2
LS1
LS2
LS2
IN3
IN4
EN/D4
D3
SFB
FBB
AGNDB
PGND
OUT3
OUT4
H-Bridge A
H-Bridge B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com