Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8315E Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8315E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
4
Freescale Semiconductor
MPC8315E Features
•
Cyclical Redundancy Check Hardware Accelerator (CRCA)
— Implements CRC32C as required for iSCSI header and payload checksums, CRC32 as required
for IEEE 802 packets, as well as for programmable 32 bit CRC polynomials
2.4
DDR Memory Controller
The DDR1/DDR2 memory controller includes the following features:
•
Single 16- or 32-bit interface supporting both DDR1 and DDR2 SDRAM
•
Support for up to 266 MHz data rate
•
Support for two physical banks (chip selects), each bank independently addressable
•
64-Mbit to 2-Gbit (for DDR1) and to 4-Gbit (for DDR2) devices with x8/x16 data ports (no direct
x4 support)
•
Support for one 16-bit device or two 8-bit devices on a 16-bit bus or two 16-bit devices on a 32-bit
bus
•
Support for up to 16 simultaneous open pages
•
Supports auto refresh
•
On-the-fly power management using CKE
•
1.8-/2.5-V SSTL2 compatible I/O
2.5
PCI Controller
The PCI controller includes the following features:
•
Designed to comply with PCI Local Bus Specification Revision 2.3
•
Single 32-bit data PCI interface operates at up to 66 MHz
•
PCI 3.3-V compatible (not 5-V compatible)
•
Support for host and agent modes
•
On-chip arbitration, supporting three external masters on PCI
•
Selectable hardware-enforced coherency
2.6
TDM Interface
The TDM interface includes the following features:
•
Independent receive and transmit with dedicated data, clock and frame sync line
•
Separate or shared RCK and TCK whose source can be either internal or external
•
Glueless interface to E1/T1 frames and MVIP, SCAS, and H.110 buses
•
Up to 128 time slots, where each slot can be programmed to be active or inactive
•
8- or 16-bit word widths
•
The TDM Transmitter Sync Signal (TFS), Transmitter Clock Signal (TCK) and Receiver Clock
•
Signal (RCK) can be configured as either input or output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com