Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8315E Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
11
Electrical Characteristics
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8315E.
Figure 2. Overshoot/Undershoot Voltage for GVDD/NVDD/LVDD
3.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
Junction temperature range
TA/TJ
0 to105
°C—
3
Note:
1. The NVDDx_ON are static power supplies and can be connected together.
2. The NVDDx_OFF are switchable power supplies and can be connected together.
3. Minimum Temperature is specified with TA;maximum temperature is specified with TJ.
Table 3. Output Drive Capability
Driver Type
Output Impedance
(
Ω)
Supply
Voltage
Local bus interface utilities signals
42
NVDD = 3.3 V
PCI signals
25
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value1
Unit
Status in D3
Warm mode
Notes
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/NVDD + 20%
G/L/NVDD
G/L/NVDD + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com