Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8315E Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
6
Freescale Semiconductor
MPC8315E Features
•ATAPI 6+
•
Spread spectrum clocking on receive
•
Asynchronous notification
•
Hot plug including asynchronous signal recovery
•
Link power management
•
Native command queuing
•
Staggered spin-up and port multiplier support
•
SATA 1.5 and 3.0 Gbps operation
•
Interrupt driven
•
Power management support
•
Error handling and diagnostic features
— Far end/near end loopback
— Failed CRC error reporting
— Increased ALIGN insertion rates
— Scrambling and CONT override
2.10
Dual Enhanced Three-Speed Ethernet Controllers (eTSECs)
The eTSECs include the following features:
•
Two SGMII/RGMII/MII/RMII/RTBI interfaces
•
Two controllers designed to comply with IEEE Std 802.3™, IEEE 802.3u™, IEEE 802.3x™,
IEEE 802.3z™, IEEE 802.3au™, IEEE 802.3ab™, and IEEE Std 1588™
•
Support for Wake-on-Magic Packet™, a method to bring the device from standby to full operating
mode
•
MII management interface for external PHY control and status.
2.11
Integrated Programmable Interrupt Controller (IPIC)
The integrated programmable interrupt controller (IPIC) provides a flexible solution for general-purpose
interrupt control. The IPIC programming model is compatible with the MPC8260 interrupt controller and
supports external and internal discrete interrupt sources. Interrupts can also be redirected to an external
interrupt controller.
2.12
Power Management Controller (PMC)
The MPC8315E supports a range of power management states that significantly lower power consumption
under the control of the power management controller. The PMC includes the following features:
•
Provides power management when the device is used in both PCI host and agent modes
•
PCI Power Management 1.2 D0, D1, D2, D3hot, and D3cold states
•
PME generation in PCI agent mode, PME detection in PCI host mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com