Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8572CLVTATLD Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
49
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.4
eTSEC IEEE Std 1588™ AC Specifications
Figure 26 shows the data and command output timing diagram.
Figure 26. eTSEC IEEE 1588 Output AC Timing
1 The output delay is count starting rising edge if t
T1588CLKOUT is non-inverting. Otherwise, it is count starting falling edge.
Figure 27 shows the data and command input timing diagram.
Figure 27. eTSEC IEEE 1588 Input AC timing
Table 41 provides the IEEE 1588 AC timing specifications.
Table 41. eTSEC IEEE 1588 AC Timing Specifications
At recommended operating conditions with LVDD/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Note
TSEC_1588_CLK clock period
tT1588CLK
3.3
—
TTX_CLK*9
ns
1
TSEC_1588_CLK duty cycle
tT1588CLKH
/tT1588CLK
40
50
60
%
—
TSEC_1588_CLK peak-to-peak jitter
tT1588CLKINJ
——
250
ps
—
Rise time eTSEC_1588_CLK (20%–80%)
tT1588CLKINR
1.0
—
2.0
ns
—
Fall time eTSEC_1588_CLK (80%–20%)
tT1588CLKINF
1.0
—
2.0
ns
—
TSEC_1588_CLK_OUT clock period
tT1588CLKOUT
2*tT1588CLK
——
ns
—
TSEC_1588_CLK_OUT
TSEC_1588_PULSE_OUT
TSEC_1588_TRIG_OUT
tT1588OV
tT1588CLKOUT
tT1588CLKOUTH
TSEC_1588_CLK
TSEC_1588_TRIG_IN
tT1588TRIGH
tT1588CLK
tT1588CLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com