Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8572CLVTATLD Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
7
Overview
– Up to 16 exact-match MAC addresses supported
– Broadcast address (accept/reject)
– Hash table match on up to 512 multicast addresses
– Promiscuous mode
— Buffer descriptors backward compatible with MPC8260 and MPC860T 10/100 Ethernet
programming models
— RMON statistics support
— 10-Kbyte internal transmit and 2-Kbyte receive FIFOs
— Two MII management interfaces for control and status
— Ability to force allocation of header information and buffer descriptors into L2 cache
•
10/100 Fast Ethernet controller (FEC) management interface
— 10/100 Mbps full and half-duplex IEEE 802.3 MII for system management
— Note: When enabled, the FEC occupies eTSEC3 and eTSEC4 parallel interface signals. In such
a mode, eTSEC3 and eTSEC4 are only available through SGMII interfaces.
•
OCeaN switch fabric
— Full crossbar packet switch
— Reorders packets from a source based on priorities
— Reorders packets to bypass blocked packets
— Implements starvation avoidance algorithms
— Supports packets with payloads of up to 256 bytes
•
Two integrated DMA controllers
— Four DMA channels per controller
— All channels accessible by the local masters
— Extended DMA functions (advanced chaining and striding capability)
— Misaligned transfer capability
— Interrupt on completed segment, link, list, and error
— Supports transfers to or from any local memory or I/O port
— Selectable hardware-enforced coherency (snoop/no snoop)
— Ability to start and flow control up to 4 (both Channel 0 and 1 for each DMA Controller) of the
8 total DMA channels from external 3-pin interface by the remote masters
— The Channel 2 of DMA Controller 2 is only allowed to initiate and start a DMA transfer by the
remote master, because only one of the 3-external pins (DMA2_DREQ[2]) is made available
— Ability to launch DMA from single write transaction
•
Serial RapidIO interface unit
— Supports RapidIO Interconnect Specification, Revision 1.2
— Both 1x and 4x LP-serial link interfaces
— Long- and short-haul electricals with selectable pre-compensation
— Transmission rates of 1.25, 2.5, and 3.125 Gbaud (data rates of 1.0, 2.0, and 2.5 Gbps) per lane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com