Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC8572CLVTATLD Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
71
High-Speed Serial Interfaces (HSSI)
14.2
GPIO AC Electrical Specifications
Table 58 provides the GPIO input and output AC timing specifications.
Figure 42 provides the AC test load for the GPIO.
Figure 42. GPIO AC Test Load
15 High-Speed Serial Interfaces (HSSI)
The MPC8572E features two Serializer/Deserializer (SerDes) interfaces to be used for high-speed serial
interconnect applications. The SerDes1 interface can be used for PCI Express and/or Serial RapidIO data
transfers. The SerDes2 is dedicated for SGMII application.
This section describes the common portion of SerDes DC electrical specifications, which is the DC
requirement for SerDes Reference Clocks. The SerDes data lane’s transmitter and receiver reference
circuits are also shown.
15.1
Signal Terms Definition
The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms
used in the description and specification of differential signals.
Figure 43 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for
description. The figure shows waveform for either a transmitter output (SDn_TX and SDn_TX) or a
receiver input (SDn_RX and SDn_RX). Each signal swings between A Volts and B Volts where A > B.
Using this waveform, the definitions are as follows. To simplify illustration, the following definitions
assume that the SerDes transmitter and receiver operate in a fully symmetrical differential signaling
environment.
1. Single-Ended Swing
The transmitter output signals and the receiver input signals SDn_TX, SDn_TX, SDn_RX and
SDn_RX each have a peak-to-peak swing of A - B Volts. This is also referred as each signal wire’s
Single-Ended Swing.
Table 58. GPIO Input AC Timing Specifications1
Parameter
Symbol
Typ
Unit
Notes
GPIO inputs—minimum pulse width
tPIWID
20
ns
2
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of SYSCLK. Timings
are measured at the pin.
2. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to ensure proper operation.
Output
Z0 = 50 Ω
BVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com