Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2071ATS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 17Page - NXP Semiconductors UBA2071ATS Datasheet HTML 18Page - NXP Semiconductors UBA2071ATS Datasheet HTML 19Page - NXP Semiconductors UBA2071ATS Datasheet HTML 20Page - NXP Semiconductors UBA2071ATS Datasheet HTML 21Page - NXP Semiconductors UBA2071ATS Datasheet HTML 22Page - NXP Semiconductors UBA2071ATS Datasheet HTML 23Page - NXP Semiconductors UBA2071ATS Datasheet HTML 24Page - NXP Semiconductors UBA2071ATS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
21 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
times in case overvoltage and overvoltage extra are detected at the same moment (curve
(1)) and if overvoltage, overvoltage extra and hard switching are detected at the same
moment (curve (2)). The first parts of the curves are dashed because an internal filter
makes that VFB needs to be above Vth(ovextra)(VFB) for at least about 1 µs for the
overvoltage extra to react at all.
If a normal overvoltage fault was already present for more than about 840
µs before
overvoltage extra detection started or hard switching was already detected for more than
about 55
µs before overvoltage extra detection started, then the IC will shut down about
1
µs after overvoltage extra is detected.
8.14.5 Current feedback open or short protection
If the IFB pin is left open or shorted to SGND, the peak of the absolute value of the voltage
at the IFB pin will be below the IFB open/short protection threshold Vth(osp)(IFB) and the
fault timer is started.
The IFB open/short protection looks only at the IFB pin voltage if the voltage at the CSWP
pin is equal to the voltage at the CVFB pin. During PWM dimming this is when the lamps
are on and in current regulation or voltage regulation (so not during PWM lamps-off period
and not during the re-ignition frequency sweep).
8.14.6 Overcurrent detection
When the peak of the absolute value of the voltage across the current sense resistor
(connected to the IFB pin) exceeds the OC reference level Vth(ocd)(IFB) and the IC is
oscillating at fsw(max), overcurrent is detected. As result PWM dimming is disabled and the
fault timer is started.
8.14.7 Arcing detection
If arcing occurs, for instance due to a bad lamp connection, it causes repetitive short
current spikes that can be seen as voltage spikes at the IFB input. The arcing detection
circuit is directly connected to the IFB pin, so it can only see spikes with a positive polarity.
Usually that will be sufficient. It can detect spikes with amplitude above Vth(det)arc(IFB) and a
Fig 16. Shutdown time at over voltage extra detection
VFB above OVE (%)
0
100
80
40
60
20
014aaa112
200
300
100
400
500
stop time
(
µs)
0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com