Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2071ATS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 3Page - NXP Semiconductors UBA2071ATS Datasheet HTML 4Page - NXP Semiconductors UBA2071ATS Datasheet HTML 5Page - NXP Semiconductors UBA2071ATS Datasheet HTML 6Page - NXP Semiconductors UBA2071ATS Datasheet HTML 7Page - NXP Semiconductors UBA2071ATS Datasheet HTML 8Page - NXP Semiconductors UBA2071ATS Datasheet HTML 9Page - NXP Semiconductors UBA2071ATS Datasheet HTML 10Page - NXP Semiconductors UBA2071ATS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
7 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
8.1 Supply, Start-up and UnderVoltage LockOut (UVLO)
The UBA2071 is supplied via the VDD pin as shown in Figure 4. The supply voltage is
either made by the inverter itself, using a
∆V/∆t or is a auxiliary fixed supply voltage. A
start-up current source that can supply minimal Istartup(VDD) is needed for start-up. This can
be a resistor to the half bridge supply voltage.
The IC starts up when the voltage at the VDD pin goes over Vstartup(VDD) and shuts down
when the voltage at the VDD pin drops below Vstop(VDD) and the output GL is high1. The
hysteresis between the start and stop levels allows the IC to be supplied by the supply
buffer capacitor (C1 in Figure 4) until the auxiliary supply is settled. The auxiliary supply
must not exceed the maximum voltage allowed on the VDD pin and has to be above
Vstop(VDD).
The UBA2071A can directly be supplied by a fixed voltage source on the VDD pin. The
voltage supplied by this source has to be above the maximum value of Vstartup(VDD) but
below the maximum of VVDD. Typically it will be a 12 V ± 5 % source.
Fig 3.
Basic half bridge inverter
LOAD
VHV
0.5 VHV
VHB
GL
SH
GH
FS
VDD
PGND
UBA2071
014aaa100
CFS
QHS
QLS
Cblock
Fig 4.
Supply configuration (for UBA2071 only)
1.
When both GH and GL are low, during the lamps-off period of PWM dimming (PWMD is high), the IC will shut down until the
PWMD is low and the GL is high again.
UBA2071
VDD
start
up
current
AUXILARY
SUPPLY
C1
014aaa101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com