Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2071ATS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA2071ATS Datasheet HTML 9Page - NXP Semiconductors UBA2071ATS Datasheet HTML 10Page - NXP Semiconductors UBA2071ATS Datasheet HTML 11Page - NXP Semiconductors UBA2071ATS Datasheet HTML 12Page - NXP Semiconductors UBA2071ATS Datasheet HTML 13Page - NXP Semiconductors UBA2071ATS Datasheet HTML 14Page - NXP Semiconductors UBA2071ATS Datasheet HTML 15Page - NXP Semiconductors UBA2071ATS Datasheet HTML 16Page - NXP Semiconductors UBA2071ATS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
13 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
The lamps start switching again on period GL and GH and the frequency is swept back to
the regulation frequency freg. The duration of the PWM frequency sweep is inverse
proportional to the capacitor connected to the CSWP pin.
8.9 Overvoltage control
The overvoltage control circuit is intended to prevent the transformer output voltage from
exceeding its maximum rating. It can also be used to regulate the output voltage to the
required lamp ignition voltage.
Under normal circumstances the capacitor at the CVFB pin is charged by a constant bias
current Ich(CVFB), thus the voltage on the CVFB pin will increase resulting in a decrease of
switching frequency. If the IC is in current regulation this bias current will flow away via a
tracking circuit which makes the voltage on the CVFB pin following the voltage on the
CIFB pin, see Figure 11.
Fig 9.
Initial ignition frequency sweep and PWM dimming frequency sweep signals
t
fsw
min
max
ignition
freg
fign
0
t
Vsec
ov
0
t
VCVFB
VCIFB
VCSWP
max
0
t
VPWMD
0
t
Ilamp
0
nom
PWM-enable delay
014aaa104
steady-state
initial
ignition
sweep
VCVFB
VCIFB
VCSWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com