Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2071ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  UBA2071ATS Datasheet HTML 1Page - NXP Semiconductors UBA2071ATS Datasheet HTML 2Page - NXP Semiconductors UBA2071ATS Datasheet HTML 3Page - NXP Semiconductors UBA2071ATS Datasheet HTML 4Page - NXP Semiconductors UBA2071ATS Datasheet HTML 5Page - NXP Semiconductors UBA2071ATS Datasheet HTML 6Page - NXP Semiconductors UBA2071ATS Datasheet HTML 7Page - NXP Semiconductors UBA2071ATS Datasheet HTML 8Page - NXP Semiconductors UBA2071ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
3 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
[1]
Given frequency is switching frequency of GL and GH. Sawtooth frequency on CF pin is twice as high.
[2]
Can be set by external capacitor
[3]
PWMD is active low: A low level on the PWMD pin corresponds with lamps-on. Example:
δ
PWM = 20 %
means PWMD is during 20 % of each cycle low and the lamps are 20 % of the time on, resulting in a light
output of 20 %.
5.
Ordering information
Vth(ov)(VFB)
overvoltage
threshold voltage on
pin VFB
2.40
2.50
2.60
V
tto(fault)
fault time-out time
CCT = 100 nF
0.85
1.00
1.15
s
Isource(drv)
driver source
current
VGL, VGH = 4 V;
VVDD =VFS =12V
−105
−90
−75
mA
Rsink(drv)
driver sink
resistance
VGL, VGH = 2 V;
VVDD =VFS =12V
13.5
16.0
18.5
Ω
fPWM
PWM frequency
[1] 75
-
1000
Hz
δPWMD
duty cycle on pin
PWMD
[3] 12
-
100
%
Table 1.
Quick reference data.
Tamb =25 °C; VVDD =12V; RIREF =33kΩ;VEN =VVDD and CPWM connected to a capacitor, unless
otherwise specified. All voltages are measured with respect to signal ground (SGND, pin 10). SGND
and PGND connected together. Currents are positive when flowing into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
UBA2071T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
UBA2071AT
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
UBA2071TS
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
UBA2071ATS
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com