Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX014 Datasheet(PDF) 5 Page - CML Microcircuits

Part # MX014
Description  Voice Band inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX014 Datasheet(HTML) 5 Page - CML Microcircuits

  MX014 Datasheet HTML 1Page - CML Microcircuits MX014 Datasheet HTML 2Page - CML Microcircuits MX014 Datasheet HTML 3Page - CML Microcircuits MX014 Datasheet HTML 4Page - CML Microcircuits MX014 Datasheet HTML 5Page - CML Microcircuits MX014 Datasheet HTML 6Page - CML Microcircuits MX014 Datasheet HTML 7Page - CML Microcircuits MX014 Datasheet HTML 8Page - CML Microcircuits MX014 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Voice Band Inverter
5
MX014
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480013.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by there respective companies.
3. External Components
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
XTAL
XTAL
PTT
PTT
PTL
PTL
RXAUDEN
RXAUDEN
PRIVEN
RXOUT
TXOUT
V
V
V
V
V
V
BPFOUT
RXBIN
DEMPOUT
TXBIN
BIAS
FILTR
BALMOD
RXIN
RXFB
TXIN
TXFB
X1
C4
C3
C2
C1
R3
R1
R4
R2
RX Channel
TX Channel
MX014
R5
R7
R6
R8
Bias
Bias
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
XTAL
XTAL
PTT
PTT
PTL
PTL
RXAUDEN
RXAUDEN
PRIVEN
RXOUT
TXOUT
BPFOUT
RXBIN
DEMPOUT
TXBIN
BIAS
FILTR
BALMOD
RXIN
RXFB
TXIN
TXFB
X1
C4
C3
C2
C1
R3
R1
R4
R2
RX Channel
TX Channel
MX014
R9
R11
R10
R12
Bias
Bias
Configuration for Radios with
Existing Pre- and De-emphasis.
For Use in Radios without
Pre- and De-emphasis.
SS
SS
DD
DD
DD
DD
Figure 2: External Components Connections
TX Attenuation
R8
R7
R8
For a gain of 1, R8
, R7
0
=
+
=∞
=
TX Attenuation
R10
R9 R10
For a gain of 1, R9
0, R10
=
+
== ∞
RX Attenuation
R6
R5 R6
For a gain of 1, R6
, R5
0
=
+
=∞
=
RX Attenuation
R12
R11 R12
For a gain of 1, R11
0, R12
=
+
== ∞
Table 2: Gain and Attentuation Calculations
Recommended External Component Notes:
1.
Component Values: C1- C3 = 0.1 µF, C4 = 1.0 µF, X1 = 4 MHz crystal
2.
R1 to R12 values will depend on the configuration and the gain or attenuation required. However R1, R3, R5, R7,
and R11 should be 100 k
Ω or greater. To add gain or attenuate, use R5-R12 as shown. See pin descriptions for
more information.
3.
For best results, a crystal oscillator design should drive the clock inverter input with signal levels of at least 40% of
VDD, peak to peak. Tuning fork crystals generally cannot meet this requirement. To obtain crystal oscillator
design assistance, consult your crystal manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com