Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX014 Datasheet(PDF) 9 Page - CML Microcircuits

Part # MX014
Description  Voice Band inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX014 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button MX014 Datasheet HTML 4Page - CML Microcircuits MX014 Datasheet HTML 5Page - CML Microcircuits MX014 Datasheet HTML 6Page - CML Microcircuits MX014 Datasheet HTML 7Page - CML Microcircuits MX014 Datasheet HTML 8Page - CML Microcircuits MX014 Datasheet HTML 9Page - CML Microcircuits MX014 Datasheet HTML 10Page - CML Microcircuits MX014 Datasheet HTML 11Page - CML Microcircuits MX014 Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Voice Band Inverter
9
MX014
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480013.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by there respective companies.
Notes
Min.
Typ.
Max
Units
RX Clear Performance
Total Harmonic Distortion
1
2
5
%
Output Noise Level
2
2
mVRMS
Passband Gain
0
dB
Passband Ripple (300-3033 Hz)
1
-3
+2
dB
Stopband Attenuation
(fin > 3333 Hz)
20
dB
(fin > 3633 Hz)
45
dB
(fin < 250 Hz)
42
dB
RX Inverted
Total Harmonic Distortion
1,3
4
%
Output Noise Level
2,3
4
mVRMS
Passband Ripple (300 - 3033 Hz)
3
4
dB
Stopband Attenuation
(fin > 3333 Hz)
50
dB
(fin > 3633 Hz)
60
dB
Highpass Attenuation
(fin < 250 Hz)
60
dB
TX Clear
Total Harmonic Distortion
1
2
5
%
Output Noise Level
2
2
mVrms
Passband Gain
(fin = 300 - 3033 Hz)
1
0
dB
Passband ripple
(fin = 300 - 3033 Hz)
1
4
dB
Stopband Attenuation
(fin > 3333 Hz)
2
20
dB
(fin > 3633 Hz)
45
dB
(fin < 250 Hz)
42
dB
TX Inverted
Total Harmonic Distortion
1,3
4
%
Output Noise Level
2
4
mVrms
Passband Ripple
(fin = 300 - 3333 Hz)
1,3
4
dB
Stopband Attenuation
(fin > 3333 Hz)
3
50
dB
(fin > 3633 Hz)
3
60
dB
(fin < 250 Hz)
3
60
dB
Pre-Emphasis
Frequency Response
6
dB/Octave
Gain at 1 kHz
10
dB
De-emphasis
Frequency response
-6
dB/Octave
Gain at 1 kHz
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com