Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX014 Datasheet(PDF) 1 Page - CML Microcircuits

Part # MX014
Description  Voice Band inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX014 Datasheet(HTML) 1 Page - CML Microcircuits

  MX014 Datasheet HTML 1Page - CML Microcircuits MX014 Datasheet HTML 2Page - CML Microcircuits MX014 Datasheet HTML 3Page - CML Microcircuits MX014 Datasheet HTML 4Page - CML Microcircuits MX014 Datasheet HTML 5Page - CML Microcircuits MX014 Datasheet HTML 6Page - CML Microcircuits MX014 Datasheet HTML 7Page - CML Microcircuits MX014 Datasheet HTML 8Page - CML Microcircuits MX014 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA BULLETIN
MX014 Voice Band inverter
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480013.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by there respective companies.
Features
Applications
• CTCSS Compatible
• Fixed Frequency Inversion
• Low Power CMOS
• Land Mobile Radio Systems
• Community Repeaters
6dB/Octave
Pre-emphasis
10dB Gain
TX Audio Feedback
TX Audio In
RX Audio In
RX Audio Feedback
BIAS
RX Path
Rx Path
Bandpass
Filter
300-3033 Hz
Bandpass
Filter
300-3033 Hz
Filsav 1
Filsav 1
Filsav 2
Carrier
6dB/Octave
De-emphasis
Path Invert
TX
TX
RX Path
TX Audio Out
RX Audio Out
BIAS
CLK Generator
Clock
Clock
CLK
3333 Hz
V
BIAS
V
3333 Hz
PTT
PTT
RX Audio Enable
RX Audio Enable
PTL
PTL
Privacy Enable
Carrier
Filsav 1
Filsav 2
RX Path
EMPSAV
TX
Path Invert
LOGIC
DD
SS
The MX014 Voice Band Inverter gives the security of private voice communications to land mobile radio users, as well as
to the users of other shared radio channel systems. Designed for use in half-duplex systems, the MX014 exchanges high
and low frequencies in the voiceband and renders transmitted messages unintelligible. This privacy function is achieved
by a single frequency inversion. When used with CTCSS,
PvtSQUELCH
TM privacy adapter operation is achieved.
Sharp cut-off in the internal voiceband filters permits operation with CTCSS and similar sub-audio signaling schemes. This
results in high quality recovered audio.
The core of the MX014 consists of two audio band pass filters and a balanced modulator. The device uses a
programmable clock divider which controls the carrier and filter cut-off frequencies. Control of the RX/TX, PTL and
privacy function is by pin selection.
The MX014 operates from a single 5V supply and uses a 4 MHz crystal oscillator to ensure the correct pitch in recovered
speech. Signal coupling and decoupling are the only external components needed. The device is available in 24-pin
PLCC (MX014LH), 24-pin PDIP (MX014P) and 24-pin CDIP (MX014J) packages.


Similar Part No. - MX014

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MX0141VA0 IDT-MX0141VA0 Datasheet
205Kb / 6P
1:4 High-Speed / Low-Speed Multiplexer Pair
MX0141VA0AVG IDT-MX0141VA0AVG Datasheet
205Kb / 6P
1:4 High-Speed / Low-Speed Multiplexer Pair
MX0141VA0AVG8 IDT-MX0141VA0AVG8 Datasheet
205Kb / 6P
1:4 High-Speed / Low-Speed Multiplexer Pair
More results

Similar Description - MX014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
VOICE-BAND AUDIO PROCESSORS VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
VOICE-BAND AUDIO PROCESSOR
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
VOICE-BAND AUDIO PROCESSOR
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
VOICE BAND INVERTER
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
VOICE-BAND AUDIO PROCESSORS (VBAPE)
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
VOICE-BAND ANALOG INTERFACE CIRCUITS
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
Single-Channel Voice Band CODEC
logo
Dorji Industrial Group ...
DRA818U DORJI-DRA818U Datasheet
343Kb / 10P
UHF Band Voice Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com