Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX014 Datasheet(PDF) 8 Page - CML Microcircuits

Part # MX014
Description  Voice Band inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX014 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button MX014 Datasheet HTML 4Page - CML Microcircuits MX014 Datasheet HTML 5Page - CML Microcircuits MX014 Datasheet HTML 6Page - CML Microcircuits MX014 Datasheet HTML 7Page - CML Microcircuits MX014 Datasheet HTML 8Page - CML Microcircuits MX014 Datasheet HTML 9Page - CML Microcircuits MX014 Datasheet HTML 10Page - CML Microcircuits MX014 Datasheet HTML 11Page - CML Microcircuits MX014 Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Voice Band Inverter
8
MX014
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480013.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by there respective companies.
5. Performance Specification
5.1 Electrical Performance
5.1.1 Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Min.
Max.
Units
Supply Voltage
-0.3
7.0
V
Input Voltage at any pin
(ref. VSS + 0 V)
-0.3
(VDD + 0.3 )
V
Current:
VDD
30
mA
VSS
30
mA
Any other pin
20
mA
J / P / LH Packages
Maximum Device Dissipation at TAMB = 25°C
800
mW
Derating above 25°C
10
mW/°C above 25°C
Operating Temperature Range:
-40
85
°C
Storage Temperature Range:
-55
125
°C
5.1.2 Operating Limits
Correct operation of the device outside these limits is not implied.
Min.
Typ.
Max.
Units
VDD
4.5
5.0
5.5
V
Clock Frequency
4.0
MHz
Operating Temperature
-40
85
°C
5.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
VDD = 5.0V at TAMB = 25°C
Clock Frequency = 4.0MHz, 0dB reference = 300mVRMS (Note: Measured at pin 18, the FILTR output. This pin must not
exceed 300mVRMS at 1kHz in Tx and 500mVRMS at any frequency in Rx, or clipping may occur. The difference in levels is
due to the pre-emphasis filter in the Tx path.
Notes
Min.
Typ.
Max
Units
Static Values
Supply Current:
RX/TX Operating (Private)
11.0
mA
RX/TX Operating (Clear)
8.0
mA
Standby
4
1.8
mA
Audio Input Impedance
10
M
Ω
Audio Output Impedance
5
0.5
k
Ω
Digital Output Impedance(Pulldown)
1
M
Ω
Digital I/O Impedance
100
k
Ω
Input Logic “1”
70%
VDD
Input Logic “0”
30%
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com