Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX105AP Datasheet(PDF) 5 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 5 Page - CML Microcircuits

  MX105AP Datasheet HTML 1Page - CML Microcircuits MX105AP Datasheet HTML 2Page - CML Microcircuits MX105AP Datasheet HTML 3Page - CML Microcircuits MX105AP Datasheet HTML 4Page - CML Microcircuits MX105AP Datasheet HTML 5Page - CML Microcircuits MX105AP Datasheet HTML 6Page - CML Microcircuits MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Tone Detector
5
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
3. External Components
MX105A
D1
C4
C3A
C3B
C2A
C2B
VDD
VSS
R3
R2
Signal Input
Detect Out
C1A
C6
C1B
R1F
R1V
R4
RL
C5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Figure 2: Recommended External Components
R1F
See Section 5.2
300k
Ω
C2A
See section 5.6
Note 2
R1V
See Section 5.2
100k
Ω
C2B
See Section 5.6
Note 2
R2
See Section 5.6
C3A
See Section 5.8
Note 2
R3
See Section 5.8
C3B
See Section 5.8
Note 2
R4
See Section 5.5
C4
See Section 5.11
Note 1, 2
RL
Note 4
20k
Ω
±20%
C5
0.27µF
±20%
C1A
See Section 5.2
Note 2
C6
0.1µF
±20%
C1B
See Section 5.2
Note 2
D1
See Section 5.9
Note 3
small signal
diode (1N914)
External Components Notes:
1.
For improved performance, C4 may be chosen to provide 30° phase shift at the VCO loop filter input.
2.
For compatibility with the MX105; capacitors (C1 - C4) may be connected to VDD instead of VSS.
3.
For improved de-response time, a diode (D1) may be added.
4.
Any value load resistance (RL) may be used, providing the maximum load current does not exceed the value
given in ‘Maximum Ratings Specifications’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com