Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX105AP Datasheet(PDF) 11 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 11 Page - CML Microcircuits

Back Button MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits MX105AP Datasheet HTML 10Page - CML Microcircuits MX105AP Datasheet HTML 11Page - CML Microcircuits MX105AP Datasheet HTML 12Page - CML Microcircuits MX105AP Datasheet HTML 13Page - CML Microcircuits MX105AP Datasheet HTML 14Page - CML Microcircuits MX105AP Datasheet HTML 15Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Tone Detector
11
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6. Performance Specification
6.1 Electrical Performance
6.1.1 Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin (wrt VSS)
-0.3
VDD + 0.3
V
Current
VDD
-30
30
mA
VSS
-30
30
mA
Any other pins
-20
20
mA
Max. Output Switch Load Current
10
mA
P/LH/DW Package
Device Dissipation at TAMB = 25°C
800
mW
Derating above 25°C
13
mW/°C above 25°C
Storage Temperature
-40
85
°C
Operating Temperature
-30
85
°C
6.1.2 Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Typ.
Max.
Units
Supply (VDD - VSS)
2.7
3.3/5.0
5.5
V
Operating Temperature
-30
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com