Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX105AP Datasheet(PDF) 8 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 8 Page - CML Microcircuits

Back Button MX105AP Datasheet HTML 4Page - CML Microcircuits MX105AP Datasheet HTML 5Page - CML Microcircuits MX105AP Datasheet HTML 6Page - CML Microcircuits MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits MX105AP Datasheet HTML 10Page - CML Microcircuits MX105AP Datasheet HTML 11Page - CML Microcircuits MX105AP Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Tone Detector
8
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.5 Select R4 for Operating BW
R4
4.8 BW
10.35 BW
4.8
6
10.35
6
6.8k
=
×
−
=
×
−
≈Ω
The exact bandwidth given by any value of R4 will vary slightly. In applications where an exact bandwidth is required, R4
should be a variable resistor to permit adjustment.
5.6 Calculate R2
×C2A
R2
C2
100
3f
BW
A
0
×≈
××
For a frequency of 2800 Hz, a bandwidth of 6%, and a choice of C2
0.01 F
R
200k
AV
=⇒
=
µΩ .
Note: Use nearest preferred values.
5.7 Define Maximum Allowed Response Time
The maximum response time (TON) is the sum of the VCO lock time (TLOCK) and the DETECT integration time (TDETECT).
The MX105A’s TON must not exceed the maximum time allowed for the application, but a value lying near the maximum
gives the best S/N performance.
A. Calculate TLOCK
T
150
fBW
LOCK
0
=
×
Using the formula above, for a frequency of 2800 Hz and a bandwidth of 6% the approximate Lock time (TLOCK) will be 9
ms. Since the maximum response time is 50 ms, a DETECT time of 41 ms is allowed.
Note: TLOCK may vary from near zero to the value given, causing corresponding variations in actual TON.
B. Calculate Maximum Allowable TDETECT
TT
T
DETECT
ON
LOCK
MAX
=−
C. Define Minimum Expected Signal Amplitude
()
VIN
MIN
This is used in calculating TDETECT components.
5.8 Calculate R3
×C3A
R3
C3
T
3ln 1
V
V
A
DETECT
TH
IN
MIN
×≈
−×
−


where: VTH is the detect filter sensitivity.
Note:
1.
For a signal amplitude of 200 mVRMS, a resistor value R3 of 510 kΩ with a 0.1µF capacitor for C3A and C3B will yield
a TDETECT time of 20ms. This in turn yields a response time of 9ms + 20 ms = 29ms.
2.
Use nearest preferred values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com