Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX105AP Datasheet(PDF) 12 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 12 Page - CML Microcircuits

Back Button MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits MX105AP Datasheet HTML 10Page - CML Microcircuits MX105AP Datasheet HTML 11Page - CML Microcircuits MX105AP Datasheet HTML 12Page - CML Microcircuits MX105AP Datasheet HTML 13Page - CML Microcircuits MX105AP Datasheet HTML 14Page - CML Microcircuits MX105AP Datasheet HTML 15Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Tone Detector
12
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
VDD = 5.0 V @ TAMB = 25°C
Load resistance on decoder output = 20k
Ω.
Notes
Min.
Typ.
Max.
Units
Static Parameters
IDD
1.0
mA
Amplifier Input Impedance
160
200
k
Ω
Digital Output Impedance
500
1000
Ω
Analog Output Impedance
1000
1200
Ω
Dynamic Parameters
Input Signal
Frequency
40
20,000
Hz
Lowest Must Detect Level
1
30
mVRMS
Highest Will Not Detect Level
1
20
mVRMS
Highest Will Not Detect f0/2
1, 2
30
790
dB
mVRMS
Highest Will Not Detect 5(f0)
1, 2
20
250
dB
mVRMS
VCO
Frequency
3
120
120,000
Hz
Frequency Stability
100
ppm/°C
5000
ppm/V
BW Limiter
BW Range
2
10
%f0
Amplifier
Open Loop Gain
60
dB
GBWP
1.0
MHz
Closed Loop Gain
0
dB
Detect Commutating Filter
Sensitivity (VTH)1
25
mVRMS
Operating Characteristics Notes:
1. Multiply by VDD /5V for other supply values.
2. The reference level is VTH. The following formula converts dB to mVRMS.
mV
=
V
RMS
10
(dB/20)
TH
×
3. Observing pins 13, 14, or 15 (DW/J package) will cause a frequency shift due to additional loading. If tuning center
frequency by observing oscillator, design in a buffer amplifier between pin 15 and probe/calibration point and tune with
no input signal. Otherwise, tune by observing detect output band edges while sweeping input signal. VCO center
frequency is 6(f0) at pin 15 while it is 3(f0) at pins 13 and 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com