Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX602 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX602
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX602 Datasheet HTML 4Page - CML Microcircuits FX602 Datasheet HTML 5Page - CML Microcircuits FX602 Datasheet HTML 6Page - CML Microcircuits FX602 Datasheet HTML 7Page - CML Microcircuits FX602 Datasheet HTML 8Page - CML Microcircuits FX602 Datasheet HTML 9Page - CML Microcircuits FX602 Datasheet HTML 10Page - CML Microcircuits FX602 Datasheet HTML 11Page - CML Microcircuits FX602 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
8
D/602/7
The Input Signal Amplifier may also be used with an unbalanced signal source as shown in Figure 3b. The
values of R6 and R8 are as for the balanced input case.
Figure 3b : Input Signal Amplifier, unbalanced input configuration
0
100
200
300
400
500
600
700
800
900
1000
3
3.5
4
4.5
5
5.5
R8
R9
Nominal VDD
Figure 3c : Input Signal Amplifier, optimum values of R8 and R9 vs VDD
1.5.3
Bandpass Filter
Is used to attenuate out of band noise and interfering signals which might otherwise reach the FSK
Demodulator, Tone Alert Detector and Level Detector circuits. The characteristics of this filter differ in FSK and
Tone Alert modes. Most of the filtering is provided by Switched Capacitor stages clocked at 57.7kHz.
1.5.4
Level Detector
This block operates by measuring the level of the signal at the output of the Bandpass Filter, and comparing it
against a threshold which depends on whether FSK Receive or Tone Alert Detect mode has been selected.
In Tone Alert Detect mode the output of the Level Detector block provides an input to the Tone Alert Signal
Detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com