Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX602 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX602
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX602 Datasheet HTML 5Page - CML Microcircuits FX602 Datasheet HTML 6Page - CML Microcircuits FX602 Datasheet HTML 7Page - CML Microcircuits FX602 Datasheet HTML 8Page - CML Microcircuits FX602 Datasheet HTML 9Page - CML Microcircuits FX602 Datasheet HTML 10Page - CML Microcircuits FX602 Datasheet HTML 11Page - CML Microcircuits FX602 Datasheet HTML 12Page - CML Microcircuits FX602 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
9
D/602/7
In FSK Receive mode the FX602 DET output will be set high when the level has exceeded the threshold for
sufficient time. Amplitude and time hysteresis are used to reduce chattering of the DET output in marginal
conditions.
Note that in FSK Receive mode this circuit may also respond to non-FSK signals such as speech.
See section 1.7.1 for definitions of Teon and Teoff
Figure 4 : FSK Level Detector operation
1.5.5
FSK Demodulator
This block converts the 1200 baud FSK input signal to a logic level received data signal which is output via the
RXD pin as long as the Data Retiming function is not enabled (see section 1.5.6). This output does not depend
on the state of the FSK Level Detector output.
Note that in the absence of a valid FSK signal, the demodulator may falsely interpret speech or other
extraneous signals as data.
1.5.6
FSK Data Retiming
The Data Retiming block extracts the 8 data bits of each character from the received asynchronous data
stream, and presents them to the
µC under the control of strobe pulses applied to the RXCK input. The timing
of these pulses is not critical and they may easily be generated by a simple software loop. This facility removes
the need for a UART in the
µC without incurring an excessive software overhead.
The block operates on a character by character basis by first looking for the mark to space transition which
signals the beginning of the start bit, then, using this as a timing reference, sampling the output of the FSK
Demodulator in the middle of each of the following 8 received data bits, storing the results in an internal 8-bit
shift register.
When the eighth data bit has been clocked into the internal shift register, the FX602 examines the RXCK input.
If this is low then the IRQN output will be pulled low and the first of the stored data bits put onto the RXD output
pin. On detecting that the IRQN output has gone low, the
µC should pulse the RXCK pin high 8 times. The high
to low transition at the end of the first 7 of these pulses will be used by the FX602 to shift the next data bit from
the shift register onto the RXD output. At the end of the eighth pulse the FSK Demodulator output will be
reconnected to the RXD output pin. The IRQN output will be cleared the first time the RXCK input goes high.
Thus to use the Data Retiming function, the RXCK input should be kept low until the IRQN output goes low; if
the Data Retiming function is not required the RXCK input should be kept high.
The only restrictions on the timing of the RXCK waveform are those shown in Figure 5a and the need to
complete the transfer of all eight bits into the
µC within 8.3mSec (the time of a complete character at 1200
baud).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com