Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX602 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX602
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX602 Datasheet HTML 6Page - CML Microcircuits FX602 Datasheet HTML 7Page - CML Microcircuits FX602 Datasheet HTML 8Page - CML Microcircuits FX602 Datasheet HTML 9Page - CML Microcircuits FX602 Datasheet HTML 10Page - CML Microcircuits FX602 Datasheet HTML 11Page - CML Microcircuits FX602 Datasheet HTML 12Page - CML Microcircuits FX602 Datasheet HTML 13Page - CML Microcircuits FX602 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
10
D/602/7
td = Internal FX602 delay; max. 1
µS
tclo = RXCK low time; min 1
µS
tchi = RXCK high time; min 1
µS
Figure 5a : FSK Operation With Data Retiming
Note that, if enabled, the Data Retiming block will interpret the FSK Channel Seizure signal (a sequence of
alternating mark and space bits) as valid received characters, with values of 55 (hex). Similarly it may interpret
speech or other signals as random characters.
If the Data Retiming facility is not required, the RXCK input to the FX602 should be kept high. The
asynchronous data from the FSK Demodulator will then be connected directly to the RXD output pin, and the
IRQN output will not be activated by the FSK signal. This case is illustrated in Figure 5b.
Figure 5b : FSK Operation Without Data Retiming (RXCK always high)
1.5.7
Tone Alert Detector
This block is enabled when the FX602 is set to Tone Alert Detector operating mode. It will then monitor the
received signal for the presence of simultaneous 2130 and 2750Hz tones of sufficient level and duration.
The FX602 DET output will be set high while a valid Tone Alert signal is detected. At the end of the Tone Alert
signal the DET output will go low and the IRQN output will be pulled low until the FX602 is switched out of Tone
Alert Detector mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com