Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX602 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX602
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602 Datasheet(HTML) 1 Page - CML Microcircuits

  FX602 Datasheet HTML 1Page - CML Microcircuits FX602 Datasheet HTML 2Page - CML Microcircuits FX602 Datasheet HTML 3Page - CML Microcircuits FX602 Datasheet HTML 4Page - CML Microcircuits FX602 Datasheet HTML 5Page - CML Microcircuits FX602 Datasheet HTML 6Page - CML Microcircuits FX602 Datasheet HTML 7Page - CML Microcircuits FX602 Datasheet HTML 8Page - CML Microcircuits FX602 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CML Semiconductor Products
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
D/602/7 February 1998
1.0
Features
Provisional Information
•• CLI and CIDCW Detector with:
•• On-Hook and Off-Hook Operation
•• Low Voltage Operation
•• 'Zero-Power' Ring or Line Polarity
Reversal Detector
•• For Bellcore, ETSI, British Telecom
and Mercury Systems
•• V23/Bell202 FSK Demodulator
with Data Retiming facility
•• µµC Interrupt/Wake-up output to
minimise system operating power
•• Dual-Tone Alert Detector
•• 16-pin SOIC and DIL packages
1.1
Brief Description
The FX602 is a low power CMOS integrated circuit for the reception of the physical layer signals used in BT's
Calling Line Identification Service (CLIP), Bellcore's Calling Identity Delivery system (CID), the Cable
Communications Association's Caller Display Services (CDS), and similar evolving services. It also meets the
requirements of emerging Caller Identity with Call Waiting services.
The device includes a 'zero-power' ring or line polarity reversal detector, a dual-tone (2130Hz plus 2750Hz)
Tone Alert Signal detector and a 1200-baud FSK V23/Bell202 compatible asynchronous data demodulator with
a data retiming circuit which removes the need for a UART in the associated µC.
It is suitable for use in systems to BT specifications SIN227 and SIN242, Bellcore TR-NWT-000030 and SR-
TSV-002476, CCA TW/P&E/312, ETSI ETS 300 659 parts 1 and 2, and Mercury Communications MNR 19.


Similar Part No. - FX602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX602 SANYO-FX602 Datasheet
96Kb / 4P
Ultrahigh-Speed Switching Applications
More results

Similar Description - FX602

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
Winbond
W91030B WINBOND-W91030B Datasheet
306Kb / 31P
CALLING LINE IDENTIFIER
logo
Holtek Semiconductor In...
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
Calling line identification receiver
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
Calling Line Identification (CLID) Receiver with Ring Detector
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
Calling Line Identifier plus Call Waiting (Type II)
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
16-Line Cable Identifier/Tester Kit
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
Calling Line Identification Receiver
December 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com