Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152K4U6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM8L152K4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152K4U6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM8L152K4U6 Datasheet HTML 62Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 63Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 64Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 65Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 66Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 67Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 68Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 69Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
66/122
Doc ID 15962 Rev 5
9.3.3
Supply current characteristics
Total current consumption
The MCU is placed under the following conditions:
●
All I/O pins in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except if explicitly mentioned.
Subject to general operating conditions for VDD and TA.
Table 19.
Total current consumption in Run mode
Symbol
Para
meter
(1)
Conditions(1)(2)
Typ
Max
Unit
55°C
85 °C
(3)
105 °C
(4)
125 °C
(4)
IDD(RUN)
Supply
current
in run
mode
(5)
All
peripherals
OFF,
code
executed
from RAM,
VDD from
1.65 V to
3.6 V
HSI RC osc.
(16 MHz)(6)
fCPU = 125 kHz 0.39
0.47
0.49
0.52
0.55
mA
fCPU = 1 MHz
0.48
0.56
0.58
0.61
0.65
fCPU = 4 MHz
0.75
0.84
0.86
0.91
0.99
fCPU = 8 MHz
1.10
1.20
1.25
1.31
1.40
fCPU = 16 MHz
1.85
1.93
2.12
2.29
2.36
HSE
external
clock
(fCPU=fHSE)
(7)
fCPU = 125 kHz 0.05
0.06
0.09
0.11
0.12
fCPU = 1 MHz
0.18
0.19
0.20
0.22
0.23
fCPU = 4 MHz
0.55
0.62
0.64
0.71
0.77
fCPU = 8 MHz
0.99
1.20
1.21
1.22
1.24
fCPU = 16 MHz
1.90
2.22
2.23(8)
2.24
2.28(8)
LSI RC osc.
(typ. 38 kHz)
fCPU = fLSI
0.040 0.045
0.046
0.048
0.050
LSE external
clock
(32.768 kHz)
fCPU = fLSE
0.035 0.040 0.048(8)
0.050
0.062(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com