Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152K4U6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM8L152K4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152K4U6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM8L152K4U6 Datasheet HTML 73Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 74Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 75Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 76Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 77Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 78Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 79Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 80Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
77/122
7.
LCD enabled with internal LCD booster VLCD = 3 V , 1/4 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD
connected.
8.
Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for extenal crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 31
9.
RTC enabled. Clock source = LSE
10. Wakeup time until start of interrupt vector fetch.
The first word of interrupt routine is fetched 4 CPU cycles after tWU.
11. ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register.
Table 24.
Typical current consumption in Active-halt mode, RTC clocked by LSE external crystal
Symbol
Parameter
Condition
Typ
Unit
IDD(AH)
(1)
Supply current in Active-halt
mode
VDD = 1.8 V
LSE
1.15
µA
LSE/32(2)
1.05
VDD = 3 V
LSE
1.30
LSE/32(2)
1.20
VDD = 3.6 V
LSE
1.45
LSE/32(2)
1.35
1.
Based on measurements on bench with 32.768 kHz external crystal oscillator.
2.
RTC clock is LSE divided by 32.
Table 25.
Total current consumption and timing in Halt mode at VDD = 2 V
Symbol
Parameter (1)(2)
Condition
Typ
(1)(2)
Max
(1)(2)
Unit
IDD(Halt)
Supply current in Halt mode
(Ultra low power ULP bit =1 in
the PWR_CSR2 register)
TA = -40 °C to 25 °C
350
1400
nA
TA = 55 °C
580
2000
TA = 85 °C
1160
2800
TA = 105 °C
2560
6700
IDD(WUHalt)
Supply current during wakeup
time from Halt mode (using
HSI)
2.4
mA
tWU_HSI(Halt)
(3)(4)
Wakeup time from Halt to Run
mode (using HSI)
4.7
6.2
µs
tWU_LSI(Halt)
(3)(4)
Wakeup time from Halt mode
to Run mode (using LSI)
150
µs
1.
TA = -40 to 125 °C, no floating I/O, unless otherwise specified
2.
Based on characterization results, unless otherwise specified
3.
ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register
4.
Wakeup time until start of interrupt vector fetch.
The first word of interrupt routine is fetched 4 CPU cycles after tWU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com