Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152K4U6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM8L152K4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152K4U6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM8L152K4U6 Datasheet HTML 78Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 79Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 80Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 81Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 82Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 83Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 84Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 85Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
82/122
Doc ID 15962 Rev 5
Internal clock sources
Subject to general operating conditions for VDD, and TA.
High speed internal RC oscillator (HSI)
Figure 19. Typical HSI frequency vs VDD
Table 32.
HSI oscillator characteristics
Symbol
Parameter (1)
Conditions(1)
Min
Typ
Max
Unit
fHSI
Frequency
VDD = 3.0 V
16
MHz
ACCHSI
Accuracy of HSI
oscillator (factory
calibrated)
VDD = 3.0 V, TA = 25 °C
-1 (2)
1 (2)
%
VDD = 3.0 V, 0 °C ≤TA ≤ 55 °C
-1.5 (2)
1.5 (2)
%
VDD = 3.0 V, -10 °C ≤TA ≤ 70 °C
-2 (2)
2 (2)
%
VDD = 3.0 V, -10 °C ≤TA ≤ 85 °C
-2.5 (2)
2(2)
%
VDD = 3.0 V, -10 °C ≤TA ≤ 125 °C
-4.5 (2)
2 (2)
%
1.65 V
≤VDD ≤ 3.6 V,
-40 °C
≤TA ≤ 125 °C
-4.5
3
%
TRIM
HSI user trim
resolution
1.65 V
≤VDD ≤ 3.6 V,
-40 °C
≤TA ≤ 125 °C
±0.4 (2)
±0.5(2)
%
tsu(HSI)
HSI oscillator setup
time (wakeup time)
3.7
7.4 (2)
µs
IDD(HSI)
HSI oscillator power
consumption
100
140 (2)
µA
1.
VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.
2.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com