Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152K4U6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM8L152K4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152K4U6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM8L152K4U6 Datasheet HTML 86Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 87Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 88Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 89Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 90Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 91Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 92Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 93Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
90/122
Doc ID 15962 Rev 5
NRST pin
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 31.
Typical NRST pull-up resistance RPU vs VDD
Table 40.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Unit
VIL(NRST)
NRST input low level voltage (1)
VSS
0.8
V
VIH(NRST)
NRST input high level voltage (1)
1.4
VDD
VOL(NRST)
NRST output low level voltage
IOL = 2 mA
for 2.7 V
≤VDD ≤ 3.6 V
0.4
IOL = 1.5 mA
for VDD < 2.7 V
VHYST
NRST input hysteresis(3)
10%VDD
(2)
mV
RPU(NRST)
NRST pull-up equivalent resistor
30
45
60
k
Ω
VF(NRST)
NRST input filtered pulse (3)
50
ns
VNF(NRST)
NRST input not filtered pulse (3)
300
1.
Data based on characterization results, not tested in production.
2.
200 mV min.
3.
Data guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com