Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152K4U6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM8L152K4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152K4U6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM8L152K4U6 Datasheet HTML 100Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 101Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 102Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 103Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 104Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 105Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 106Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 107Page - STMicroelectronics STM8L152K4U6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
104/122
Doc ID 15962 Rev 5
Table 52.
ADC1 accuracy with VDDA = 3.3 V to 2.5 V
Symbol
Parameter
Conditions
Typ
Max(1)
1.
Data based on characterization, not tested in production.
Unit
DNL
Differential non linearity
fADC = 16 MHz
1
1.6
LSB
fADC = 8 MHz
1
1.6
fADC = 4 MHz
1
1.5
INL
Integral non linearity
fADC = 16 MHz
1.2
2
fADC = 8 MHz
1.2
1.8
fADC = 4 MHz
1.2
1.7
TUE
Total unadjusted error
fADC = 16 MHz
2.2
3.0
fADC = 8 MHz
1.8
2.5
fADC = 4 MHz
1.8
2.3
Offset
Offset error
fADC = 16 MHz
1.5
2
LSB
fADC = 8 MHz
1
1.5
fADC = 4 MHz
0.7
1.2
Gain
Gain error
fADC = 16 MHz
11.5
fADC = 8 MHz
fADC = 4 MHz
Table 53.
ADC1 accuracy with VDDA = 2.4 V to 3.6 V
Symbol
Parameter
Typ
Max(1)
Unit
DNL
Differential non linearity
1
2
LSB
INL
Integral non linearity
1.7
3
LSB
TUE
Total unadjusted error
24
LSB
Offset
Offset error
1
2
LSB
Gain
Gain error
1.5
3
LSB
1.
Data based on characterization, not tested in production.
Table 54.
ADC1 accuracy with VDDA = VREF
+ = 1.8 V to 2.4 V
Symbol
Parameter
Typ
Max(1)
Unit
DNL
Differential non linearity
1
2
LSB
INL
Integral non linearity
23
LSB
TUE
Total unadjusted error
35
LSB
Offset
Offset error
2
3
LSB
Gain
Gain error
2
3
LSB
1.
Data based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com