Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7L64 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM7L64
Description   numberHigh-performance 32-bit RISC Architecture
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7L64 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM7L64 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 564 page
background image
13
6257A–ATARM–20-Feb-08
AT91SAM7L128/64 Preliminary
Table 5-1 on page 13 shows an example of backup mode with backup SRAM and RTC running.
When entering this mode, all PIO pins keep their previous states, they are reinitialized as inputs
with pull-ups at wake-up.
The AT91SAM7L128/64 can be awakened from this mode through the FWUP pin, an event on
WUP0-15 pins, or an RTC alarm or brownout event.
Current consumption is 3.5 µA typical without the LCD controller running.
5.2.3
Wait Mode
In wait mode, the voltage regulator must be set in deep mode. Voltage regulator output voltage
should be set at a minimum voltage to decrease leakage in the digital core. No clock is running
in the core. From this mode, a fast start-up is available (refer to Section 5.4 ”Fast Start-Up”).
In this mode, all PIO pins keep their previous states.
5.2.4
Idle Mode
The processor is in idle mode which means that the processor has no clock but the Master clock
(MCK) remains running. The processor can also be wakened by an IRQ or FIQ.
5.2.5
Active Mode
The total dynamic power consumption is less than 30 mA at full speed (36 MHz) when running
out of the Flash. The power management controller can be used to adapt the frequency and the
regulator output voltage can be adjusted to optimize power consumption.
5.2.6
Low Power Mode Summary Table
The modes detailed above are the main modes. In off mode, no options are available but once
the shutdown controller is set to on, each part can be set to on, or off, separately and more
modes can be active. The table below shows a summary of the configurations of the low power
modes.
Notes:
1. When considering wake-up time, the time required to start the PLL is not taken into account. Once started, the
AT91SAM7128/L64 works with the 2 MHz Fast RC oscillator. The user has to add the PLL start-up time if it is needed in the
system. The wake-up time is defined as the time taken for wake up until the first instruction is fetched.
2. The external LCD current consumption and the external loads on PIOs are not taken into account in the calculation.
3. BOD current consumption is not included.
4. Depends on MCK frequency.
Table 5-1.
Low Power Mode Configuration Summary
Mode
FWUP
SUPC,
32 kHz
Oscillator,
POR
RTC
Backup
SRAM
Regulator
(Deep Mode)
Core
Potential Wake-up
Sources
Consumption
(2)(3)
Wake-up Time
(1)
Off Mode
X
FWUP pin
100 nA typ
< 5 ms
Backup Mode
(with SRAM and
RTC)
XX
X
X
FWUP pin
WUP0-15 pins
BOD alarm
RTC alarm
3.5 µA typ
< 0.5 ms
Wait Mode (with
SRAM and RTC)
XX
X
X
X
X
Fast start-up through
WUP0-15 pins
9 µA typ
< 2 µs (in case of
fast start-up)
Idle Mode
X
X
X
X
X
IRQs
FIQ
(4)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com