Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7L64 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM7L64
Description   numberHigh-performance 32-bit RISC Architecture
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7L64 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM7L64 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 564 page
background image
3
6257A–ATARM–20-Feb-08
AT91SAM7L128/64 Preliminary
1.
Description
The AT91SAM7L128/64 are low power members of Atmel’s Smart ARM Microcontroller family
based on the 32-bit ARM7™ RISC processor and high-speed Flash memory.
• AT91SAM7L128 features a 128 Kbyte high-speed Flash and a total of 6 Kbytes SRAM.
• AT91SAM7L64 features a 64 Kbyte high-speed Flash and a total of 6 Kbytes SRAM.
They also embed a large set of peripherals, including a Segment LCD Controller and a complete
set of system functions minimizing the number of external components.
These devices provide an ideal migration path for 8-bit microcontroller users looking for addi-
tional performance, extended memory and higher levels of system integration with strong
constraints on power consumption.
Featuring innovative po wer reducti on m odes and ultra-low-power operation, the
AT91SAM7L128/64 is tailored for battery operated applications such as calculators, toys,
remote controls, medical devices, mobile phone accessories and wireless sensors.
The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via
a parallel interface on a production programmer prior to mounting. Built-in lock bits and a secu-
rity bit protect the firmware from accidental overwrite and preserve its confidentiality.
The AT91SAM7L128/64 system controller includes a reset controller capable of managing the
power-on sequence of the microcontroller and the complete system. Correct device operation
can be monitored by a built-in brownout detector and a watchdog running off an integrated
oscillator.
By combining the ARM7TDMI processor with on-chip Flash and SRAM, and a wide range of
peripheral functions, including USART, SPI, External Bus Timer Counter, RTC and Analog-to-
Digital Converters on a monolithic chip, the AT91SAM7L128/64 microcontroller is a powerful
device that provides a flexible, cost-effective solution to many embedded control applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com