Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7L64 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM7L64
Description   numberHigh-performance 32-bit RISC Architecture
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7L64 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM7L64 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 564 page
background image
2
6257A–ATARM–20-Feb-08
AT91SAM7L128/64 Preliminary
• Advanced Interrupt Controller (AIC)
– Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
– Two External Interrupt Sources and One Fast Interrupt Source, Spurious Interrupt Protected
• Debug Unit (DBGU)
– Two-wire UART and Support for Debug Communication Channel interrupt, Programmable ICE Access Prevention
• Periodic Interval Timer (PIT)
– 20-bit Programmable Counter plus 12-bit Interval Counter
• Windowed Watchdog (WDT)
– 12-bit Key-protected Programmable Counter
– Provides Reset or Interrupt Signals to the System
– Counter may be Stopped While the Processor is in Debug State or in Idle Mode
• Real-time Clock (RTC)
– Two Hundred Year Calendar with Alarm
– Runs Off the Internal RC or Crystal Oscillator
• Three Parallel Input/Output Controllers (PIOA, PIOB, PIOC)
– Eighty Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os
– Input Change Interrupt Capability on Each I/O Line
– Individually Programmable Open-drain, Pull-up resistor and Synchronous Output
• Eleven Peripheral DMA Controller (PDC) Channels
• One Segment LCD Controller
– Display Capacity of Forty Segments and Ten Common Terminals
– Software Selectable LCD Output Voltage (Contrast)
• Two Universal Synchronous/Asynchronous Receiver Transmitters (USART)
– Individual Baud Rate Generator, IrDA® Infrared Modulation/Demodulation
– Support for ISO7816 T0/T1 Smart Card, Hardware Handshaking, RS485 Support
– Manchester Encoder/Decoder
– Full Modem Line Support on USART1
• One Master/Slave Serial Peripheral Interface (SPI)
– 8- to 16-bit Programmable Data Length, Four External Peripheral Chip Selects
• One Three-channel 16-bit Timer/Counter (TC)
– Three External Clock Inputs, Two Multi-purpose I/O Pins per Channel
– Double PWM Generation, Capture/Waveform Mode, Up/Down Capability
• One Four-channel 16-bit PWM Controller (PWMC)
• One Two-wire Interface (TWI)
– Master, Multi-Master and Slave Mode Support, All Atmel® Two-wire EEPROMs and I2C compatible Devices Supported
– General Call Supported in Slave Mode
• One 4-channel 10-bit Analog-to-Digital Converter, Four Channels Multiplexed with Digital I/Os
• SAM-BA® Boot Assistant
– Default Boot Program
– Interface with SAM-BA Graphic User Interface
– In Application Programming Function (IAP)
• IEEE® 1149.1 JTAG Boundary Scan on All Digital Pins
• Four High-current Drive I/O lines, Up to 4 mA Each
• Power Supplies
– Embedded 1.8V Regulator, Drawing up to 60 mA for the Core with Programmable Output Voltage
– Single Supply 1.8V - 3.6V
• Fully Static Operation: Up to 36 MHz at 85°C, Worst Case Conditions
• Available in a 128-lead LQFP Green and a 144-ball LFBGA Green Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com