Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3101N8 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXGD3101N8
Description  SYNCHRONOUS RECTIFIER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101N8 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXGD3101N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 10Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 11Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ZXGD3101N8
Document Number DS31945 Rev. 1 - 2
8 of 14
www.diodes.com
June 2010
© Diodes Incorporated
ZXGD3101N8
A Product Line of
Diodes Incorporated
SYNCHRONOU S R E CTIFIER CONTROLLER
Typical Characteristics
-400
-200
0
200
400
600
800
1000
-2
0
2
4
6
8
10
-20
0
20
40
60
-2
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
10
100
1000
-50
-25
0
25
50
75
100
125
150
8.0
8.1
8.2
8.3
8.4
8.5
8.6
02
46
8
10
0
5
10
15
20
25
30
35
1000
10000
100000
0
2
4
6
8
10
12
14
16
18
20
V
D
Switch On Speed
Time (ns)
V
G
See Fig.4
See Fig.4
V
G
V
D
Switch Off Speed
Time (ns)
V
CC
=10V
R
BIAS
=1.8kΩ
R
REF
=3kΩ
C
LOAD
=2.2nF
R
LOAD
=1kΩ
ton
toff
Switching vs Temperature
Temperature (°C)
Supply Current vs Temperature
F=100kHz
V
CC
=10V
R
BIAS
=1.8KΩ
R
REF
=3kΩ
C
LOAD
=2.2nF
R
LOAD
=100kΩ
Temperature (°C)
F=100kHz, R
BIAS
=1.8kΩ
R
REF
=3kΩ, R
LOAD
=100kΩ
Supply Current vs Capacitive Load
Capacitance (nF)
Vcc=15V
Vcc=12V
Vcc=10V
Vcc= 8V
C
LOAD
=10nF
C
LOAD
=4.7nF
C
LOAD
=2.2nF
C
LOAD
=1nF
V
CC
=10V
R
BIAS
=1.8kΩ
R
REF
=3kΩ
R
LOAD
=100kΩ
Supply Current vs Frequency
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com