Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3101N8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3101N8
Description  SYNCHRONOUS RECTIFIER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101N8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3101N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ZXGD3101N8
Document Number DS31945 Rev. 1 - 2
1 of 14
www.diodes.com
June 2010
© Diodes Incorporated
ZXGD3101N8
A Product Line of
Diodes Incorporated
SYNCHRONOU S R E CTIFIER CONTROLLER
Description
The ZXGD3101 is intended to drive MOSFETS configured as ideal
diode replacements. The device is comprised of a differential amplifier
detector stage and high current driver. The detector monitors the
reverse voltage of the MOSFET such that if body diode conduction
occurs a positive voltage is applied to the MOSFET’s Gate pin.
Once the positive voltage is applied to the Gate the MOSFET
switches on allowing reverse current flow. The detectors’ output
voltage is then proportional to the MOSFET Drain-Source reverse
voltage drop and this is applied to the Gate via the driver. This action
provides a rapid turn off as current decays.
Application
Flyback Converters in:
Adaptors
LCD Monitors
Server PSU’s
Set Top Boxes
LLC Converter in:
High Power Adaptors
LCD TV
Street Lighting
Refer to documents: AN54, AN69, DN90, DN91 and DN94 available
from the website
Features
Turn-off propagation delay 15ns and turn-off time 20ns.
Suitable for Discontinuous Mode (DCM), Critical
Conduction Mode (CrCM) and Continuous Mode (CCM)
operation
Compliant with Energy Star V2.0 and European Code of
Conduct V3
Halogen Free part
5-15V Vcc range
Mechanical Data
Case: SO-8
Marking Information: See Page 13
Ordering Information
Product
Status
Package
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXGD3101N8TC
Active
SO-8
ZXGD3101
13
12
2500


Similar Part No. - ZXGD3101N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
More results

Similar Description - ZXGD3101N8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
logo
NXP Semiconductors
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
logo
ON Semiconductor
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
Synchronous Rectifier Controller
September, 2015 ??Rev. P0
NCP43080 ONSEMI-NCP43080 Datasheet
453Kb / 36P
Synchronous Rectifier Controller
November, 2015 ??Rev. P0
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
Synchronous Rectifier Controller
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
logo
NXP Semiconductors
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com