Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3101N8 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3101N8
Description  SYNCHRONOUS RECTIFIER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101N8 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3101N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ZXGD3101N8
Document Number DS31945 Rev. 1 - 2
3 of 14
www.diodes.com
June 2010
© Diodes Incorporated
ZXGD3101N8
A Product Line of
Diodes Incorporated
SYNCHRONOU S R E CTIFIER CONTROLLER
Electrical Characteristics @TA = 25°C, VCC= 10V, RBIAS=1.8kΩ, RREF=3kΩ
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input and supply characteristics
Operating current
IOP
VDRAIN ≤ -200m V
-
3
-
mA
VDRAIN ≥ 0V
-
8
-
Gate Driver
Turn-off Threshold Voltage(Note 4)
VT
VG = 1V, (Note 5)
-45
-16
0
mV
GATE output voltage (Note 4)
VG(off)
VDRAIN ≥ 0V, (Note 5)
-
0.6
1
V
VG
VDRAIN = -60mV, (Note 6)
5.0
7.5
-
VDRAIN = -80mV, (Note 6)
7.0
8.5
-
VDRAIN = -100mV, (Note 6)
8.4
9
-
VDRAIN ≤ -140mV, (Note 6)
9.2
9.4
-
VDRAIN ≤ -200mV, (Note 6)
9.3
9.5
-
GATEH peak source current
ISOURCE
VGH = 1V
2.5
-
A
GATEL peak sink current
ISINK
VGL = 5V
2.5
-
A
Turn on Propagation delay
td1
CL = 2.2nF, (Notes 6 and 7)
525
ns
Turn off Propagation delay
td2
15
ns
Gate rise time
tr
305
ns
Gate fall time
tf
20
ns
Notes:
4. GATEH connected to GATEL
5. RH = 100kΩ, RL = O/C
6. RL = 100kΩ, RH = O/C
7. Refer to Fig 6: test circuit and Fig 7: timing diagram on Page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com