Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3101N8 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXGD3101N8
Description  SYNCHRONOUS RECTIFIER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101N8 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXGD3101N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 9Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 10Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 11Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 12Page - Diodes Incorporated ZXGD3101N8 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ZXGD3101N8
Document Number DS31945 Rev. 1 - 2
9 of 14
www.diodes.com
June 2010
© Diodes Incorporated
ZXGD3101N8
A Product Line of
Diodes Incorporated
SYNCHRONOU S R E CTIFIER CONTROLLER
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0
2
4
6
8
10
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0
2
4
6
8
10
Transfer Characteristic
V
D
Drain Voltage (V)
I
REF
= 2mA
I
REF
=2.5mA
I
REF
= 3mA
I
REF
=3.5mA
I
REF
= 4mA
V
CC
= 10V
I
BIAS
= 5mA
R
LOAD
=1kΩ
I
BIAS
= 6mA
I
BIAS
=5.5mA
I
BIAS
= 5mA
I
BIAS
=4.5mA
I
BIAS
= 4mA
Transfer Characteristic
V
D
Drain Voltage (V)
V
CC
= 10V
I
REF
= 3mA
R
LOAD
=1kΩ
Component Selection
It is advisable to decouple the ZXGD3101 closely to VCC and ground due to the possibility of high peak gate currents with C1 in Figure 2.
The proper selection of external resistors RREF and RBIAS is important to the optimum device operation. Select a value for resistor RREF to give a
reference current, IREF, of ~3mA. The value of RBIAS must then be 0.6 times the value of RREF giving a bias current, IBIAS, of ~1.6 times IREF. This
provides a recommended typical offset voltage of ~20mV.
External gate resistors are optional. They can be inserted to control the rise times which may help with EMI issues, power supply consumption
issues or dissipation within the part.
RREF = (VCC -0.7V) / 0.003
RBIAS = (VCC -0.3V) / 0.005
Layout considerations
The Gate pins should be as close to the MOSFET Gate as possible. Also the ground return loop should be as short as possible. The decoupling
capacitor should be close to the VCC and Ground pin, and should be a X7R type.
For more detailed information refer to application note AN54..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com