Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KCDFB Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F3650KCDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KCDFB Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F3650KCDFB Datasheet HTML 32Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 33Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 34Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 37Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 38Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 39Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 36 of 109
Feb 07, 2011
M16C/65C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.7
SFR Information (7) (1)
Address
Register
Symbol
Reset Value
01E0h
Timer B3-1 Register
TB31
XXh
01E1h
XXh
01E2h
Timer B4-1 Register
TB41
XXh
01E3h
XXh
01E4h
Timer B5-1 Register
TB51
XXh
01E5h
XXh
01E6h
Pulse Period/Pulse Width Measurement Mode Function Select Reg-
ister 2
PPWFS2
XXXX X000b
01E7h
01E8h
Timer B Count Source Select Register 2
TBCS2
00h
01E9h
Timer B Count Source Select Register 3
TBCS3
X0h
01EAh
01EBh
01ECh
01EDh
01EEh
01EFh
01F0h
PMC0 Function Select Register 0
PMC0CON0
00h
01F1h
PMC0 Function Select Register 1
PMC0CON1
00XX 0000b
01F2h
PMC0 Function Select Register 2
PMC0CON2
0000 00X0b
01F3h
PMC0 Function Select Register 3
PMC0CON3
00h
01F4h
PMC0 Status Register
PMC0STS
00h
01F5h
PMC0 Interrupt Source Select Register
PMC0INT
00h
01F6h
PMC0 Compare Control Register
PMC0CPC
XXX0 X000b
01F7h
PMC0 Compare Data Register
PMC0CPD
00h
01F8h
PMC1 Function Select Register 0
PMC1CON0
XXX0 X000b
01F9h
PMC1 Function Select Register 1
PMC1CON1
XXXX 0X00b
01FAh
PMC1 Function Select Register 2
PMC1CON2
0000 00X0b
01FBh
PMC1 Function Select Register 3
PMC1CON3
00h
01FCh
PMC1 Status Register
PMC1STS
X000 X00Xb
01FDh
PMC1 Interrupt Source Select Register
PMC1INT
X000 X00Xb
01FEh
01FFh
0200h
0201h
0202h
0203h
0204h
0205h
Interrupt Source Select Register 3
IFSR3A
00h
0206h
Interrupt Source Select Register 2
IFSR2A
00h
0207h
Interrupt Source Select Register
IFSR
00h
0208h
0209h
020Ah
020Bh
020Ch
020Dh
020Eh
Address Match Interrupt Enable Register
AIER
XXXX XX00b
020Fh
Address Match Interrupt Enable Register 2
AIER2
XXXX XX00b
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com