Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KCDFB Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F3650KCDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KCDFB Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F3650KCDFB Datasheet HTML 59Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 60Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 61Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 62Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 63Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 64Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 65Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 66Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 63 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Note:
1.
When VCC1 ≠ VCC2, refer to 5 V or 3 V standard depending on the voltage.
Table 5.19
Electrical Characteristics (2) (1)
VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V at Topr = −20°C to 85°C/−40°C to 85°C, f(BCLK) = 32 MHz unless otherwise specified.
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Typ.
Max.
VT+ - VT- Hysteresis
HOLD, RDY, TA0IN to TA4IN, TB0IN to TB5IN,
INT0 to INT7, NMI, ADTRG, CTS0 to CTS2,
CTS5 to CTS7, SCL0 to SCL2, SCL5 to SCL7,
SDA0 to SDA2, SDA5 to SDA7, CLK0 to CLK7,
TA0OUT to TA4OUT,
KI0 to KI3, RXD0 to RXD2, RXD5 to RXD7,
SIN3, SIN4,
SD, PMC0, PMC1, SCLMM,
SDAMM, CEC, ZP, IDU, IDV, IDW
0.5
2.0
V
VT+ - VT- Hysteresis
RESET
0.5
2.5
V
IIH
High input
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7,
P13_0 to P13_7, P14_0, P14_1
XIN,
RESET, CNVSS, BYTE
VI = 5 V
5.0
μA
IIL
Low input
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7,
P13_0 to P13_7, P14_0, P14_1
XIN,
RESET, CNVSS, BYTE
VI = 0 V
−5.0 μA
RPULLUP Pull-up
resistance
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7,
P13_0 to P13_7, P14_0, P14_1
VI = 0 V
30
50
100
k
Ω
RfXIN
Feedback resistance XIN
1.5
M
Ω
VRAM
RAM retention voltage
In stop mode
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com