Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KCDFB Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R5F3650KCDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KCDFB Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R5F3650KCDFB Datasheet HTML 57Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 58Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 59Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 60Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 61Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 62Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 63Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 64Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 61 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
5.1.7
Oscillator Electrical Characteristics
Table 5.16
40 MHz On-Chip Oscillator Electrical Characteristics (1/2)
VCC1 = 2.7 to 5.5 V, Topr = -20°C to 85°C/-40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO40M
40 MHz on-chip oscillator frequency Average frequency in a 10 ms period
38
40
42
MHz
tsu(fOCO40M) Wait time until 40 MHz on-chip
oscillator stabilizes
2ms
Table 5.17
125 kHz On-Chip Oscillator Electrical Characteristics
VCC1 = 2.7 to 5.5 V, Topr = −20°C to 85°C/−40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO-S
125 kHz on-chip oscillator frequency
Average frequency in a 10 ms period
100
125
150
kHz
tsu(fOCO-S)
Wait time until 125 kHz on-chip
oscillator stabilizes
20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com