Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KCDFB Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F3650KCDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KCDFB Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F3650KCDFB Datasheet HTML 51Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 52Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 53Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 54Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 55Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 56Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 57Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 58Page - Renesas Technology Corp R5F3650KCDFB Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 55 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
Notes:
1.
Use when AVCC = VCC1.
2.
When VCC1 ≥ VCC2, set as below:
Analog input voltage (AN0 to AN7, ANEX0, and ANEX1)
≤ V
CC1
Analog input voltage (AN0_0 to AN0_7 and AN2_0 to AN2_7)
≤ V
CC2.
3.
When analog input voltage is over reference voltage, the result of A/D conversion is 3FFh.
4.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.2 “A/D Accuracy Measure Circuit”.
5.1.4
D/A Conversion Characteristics
Notes:
1.
This applies when using one D/A converter, with the D/A register for the unused D/A converter set to 00h.
2.
The current consumption of the A/D converter is not included. Also, the IVREF of the D/A converter will flow even
if the ADSTBY bit in the ADCON1 register is 0 (A/D operation stopped (standby)).
Table 5.6
A/D Conversion Characteristics (2/2) (1)
VCC1 = AVCC = 3.0 to 5.5 V ≥ VCC2 ≥ VREF, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
φAD
A/D operating clock
frequency
AN0 to AN7 input,
ANEX0 to ANEX1
input
4.0 V
≤ V
CC1 ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
CC1 ≤ 4.0 V
2
16
MHz
3.0 V
≤ V
CC1 ≤ 3.2 V
2
10
MHz
AN0_0 to AN0_7
input, AN2_0 to
AN2_7 input
4.0 V
≤ V
CC2 ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
CC2 ≤ 4.0 V
2
16
MHz
3.0 V
≤ V
CC2 ≤ 3.2 V
2
10
MHz
-
Tolerance level impedance
3
k
Ω
DNL
Differential non-linearity error
(4)
±1
LSB
-
Offset error
(4)
±3
LSB
-
Gain error
(4)
±3
LSB
tCONV
10-bit conversion time
VCC1 = 5 V, φAD = 25 MHz
1.60
μs
tSAMP
Sampling time
0.60
μs
VREF
Reference voltage
3.0
VCC1
V
VIA
Analog input voltage (2), (3)
0VREF
V
Table 5.7
D/A Conversion Characteristics
VCC1 = AVCC = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-Resolution
8Bits
-
Absolute Accuracy
2.5
LSB
tSU
Setup Time
3
μs
RO
Output Resistance
56
8.2
k
Ω
IVREF
Reference Power Supply Input Current
See Notes 1 and 2
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com