Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72709W Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC72709W
Description  FM Multiplex Reception IC for Mobile Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709W Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC72709W Datasheet HTML 8Page - Sanyo Semicon Device LC72709W Datasheet HTML 9Page - Sanyo Semicon Device LC72709W Datasheet HTML 10Page - Sanyo Semicon Device LC72709W Datasheet HTML 11Page - Sanyo Semicon Device LC72709W Datasheet HTML 12Page - Sanyo Semicon Device LC72709W Datasheet HTML 13Page - Sanyo Semicon Device LC72709W Datasheet HTML 14Page - Sanyo Semicon Device LC72709W Datasheet HTML 15Page - Sanyo Semicon Device LC72709W Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
on Post Error Correction Output Data”) concerning data with no errors. Stated simply, this IC does not output data
unnecessarily. For example, the INT signal will not be output for data from a received station that is not broadcasting
multiplexed data. Also, under good reception conditions where there are no errors, there will be no post-vertical
correction output and the INT signal period will be 18 ms.
There are cases where it may become impossible to acquire the data if the microcontroller software includes the data
acquisition conditions required for the LC72700E. For example, this problem may occur if the software was designed to
use only the post-vertical correction output. Since this IC does not output the same data twice and does not output bad
data at all, applications do not need to select from the input data if they simply acquire all data that starts at every INT
signal. (In other words, it can be also said that this IC does not generate any unnecessary interrupt signals.) To set up this
IC to provide the same output format as that of the LC72700E, applications must set bit 5 (INT MODE) in the control
register to 1. Note that this IC is added a control function that causes the IC not to output post-vertical correction data if
the vertical correction operation was not executed. Since this control function is not influenced by the INT MOVE flag,
post-vertical correction output is not provided during error-free reception even if the INT MOVE flag was set. Thus care
is required in application software design.
Methods for Supporting the Different Frame Formats
Applications can handle the A, A’, B, and C frame formats by setting bits 0 (FRAME), 1 (RTIB), and 2 (VEC HALT) in
the control register appropriately. The default values are appropriate for method B. Note that since the IC itself does not
provide any functions for recognizing the frame structure, applications must set these bits using the serial data transfer
function.
No. 5876-13/16
LC72709E, 72709W
While the VEC HALT flag allows method C to be handled, the information related to the block number and the
information related to frame synchronization in the status output will be invalid.
Invalid status:
CNT1: Bit 5 FIL
Frame synchronization information
CNT1: Bit 3 PRI
Parity packet information
CNT1: Bit 2 HEAD
Frame head information
CNT1: Bit 0 RTIB
RTIB information
CNT2:
Data block number and parity packet number information
(*) RTIB: Real Time Information Blocks
METHOD
FRAME (Bit 0)
RTB (Bit 1)
VEC HALT (Bit 2)
A
H
H
L
No interleaves
A’
H
L
L
A + RTIB (*)
B
L
—
L
Interleaving
C
—
—
H
Block data only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com