Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72709W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72709W
Description  FM Multiplex Reception IC for Mobile Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72709W Datasheet HTML 1Page - Sanyo Semicon Device LC72709W Datasheet HTML 2Page - Sanyo Semicon Device LC72709W Datasheet HTML 3Page - Sanyo Semicon Device LC72709W Datasheet HTML 4Page - Sanyo Semicon Device LC72709W Datasheet HTML 5Page - Sanyo Semicon Device LC72709W Datasheet HTML 6Page - Sanyo Semicon Device LC72709W Datasheet HTML 7Page - Sanyo Semicon Device LC72709W Datasheet HTML 8Page - Sanyo Semicon Device LC72709W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
No. 5876-2/16
LC72709E, 72709W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Input voltage
VIN1
CE, CL, DI, RST, STNBY
–0.3 to +7.0
V
VIN2
Pins other than VIN1
–0.3 to VDD +0.3
V
Output voltage
VOUT1
DO
–0.3 to +7.0
V
VOUT2
Pins other than VOUT1
–0.3 to VDD +0.3
V
Output current
IOUT
BLOCK, FLOCK, BCK, FCK, DO
0 to 4.0
mA
Allowable power dissipation
Pd max
LC72709E
250
mW
LC72709W
200
mW
Operating temperature
Topr
Ta
≤ 85°C
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.5
V
Input high-level voltage
VIH
CL, CE, DI, RST, STNBY
0.7 VDD
5.5
V
Input low-level voltage
VIL
CL, CE, DI, RST, STNBY
VSS
0.3 VDD
V
Oscillator frequency
FOSC
This IC operates at frequencies within a
7.2
MHz
±250 ppm precision
Input sensitivity
VXI
With a capacitance-coupled sine wave input
400
1500
mVrms
to XIN
Input amplitude
VMPX
MPXIN, 100% modulation composite
150
500
mVrms
[Serial I/O*]
Clock low-level time
tCL
CL
0.7
µs
Clock high-level time
tCH
CL
0.7
µs
Data setup time
tSU
CL, DI
0.7
µs
Data hold time
tHD
CL, DI
0.7
µs
CE wait time
tEL
CL, CE
0.7
µs
CE setup time
tES
CL, CE
0.7
µs
CE hold time
tEH
CL, CE
0.7
µs
Data latch change time
tLC
CE
0.7
µs
Data output time
tDD0
DO, CL
277
555
ns
Layer 4 CRC change time
tCRC
CRC4, CL
0.7
µs
Allowable Operating Ranges at Ta = –40 to +80°C, VSS = 0 V
Note *: See the serial data timing chart.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output high-level voltage
VOH1
IO = 2 mA, BCK, FCK, BLOCK, FLOCK,
VDD – 0.4
V
CRC4, INT, CLK16, DATA, IC1, IC2
Output low-level voltage
VOL1
IO = 2 mA, applies to the same pins as VOH1
0.4
V
VOL2
IO = 2 mA, DO
0.4
V
Input high-level current
IIH1
VIN = 5.5 V, CE, CL, DI, RST, STNBY
1.0
µA
IIH2
VIN = VDDD, input pins other than IIH1
1.0
µA
Input low-level current
IIL
VIN = VSSD, CL, CE, DI, RST, STNBY,
–1.0
µA
TP0 to TP8, TPC1 to 2, TOSEL1 to 2, TEST
Input resistance
RMPX
MPXIN-Vssa, f = 0 to 100 kHz
50
k
Ω
Reference supply voltage output
VREF
VREF, Vdda = 5 V
2.5
V
Bandpass filter center frequency
FC
FLOOUT
76.0
kHz
–3 dB bandwidth
FBW
FLOUT
19.0
kHz
In-band delay time difference
DGD
FLOUT
±5
µs
Gain
Gain
MPXIN-FLOUT, f = 76 kHz
20
dB
ATT1
FLOUT, f = 50 kHz
25
dB
Stop band attenuation
ATT2
FLOUT, f = 100 kHz
15
dB
ATT3
FLOUT, f = 30 kHz
50
dB
ATT4
FLOUT, f = 150 kHz
50
dB
Electrical Characteristics at VDD = 4.5 to 5.5 V, in the allowable operating ranges
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com