Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72709W Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72709W
Description  FM Multiplex Reception IC for Mobile Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709W Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72709W Datasheet HTML 1Page - Sanyo Semicon Device LC72709W Datasheet HTML 2Page - Sanyo Semicon Device LC72709W Datasheet HTML 3Page - Sanyo Semicon Device LC72709W Datasheet HTML 4Page - Sanyo Semicon Device LC72709W Datasheet HTML 5Page - Sanyo Semicon Device LC72709W Datasheet HTML 6Page - Sanyo Semicon Device LC72709W Datasheet HTML 7Page - Sanyo Semicon Device LC72709W Datasheet HTML 8Page - Sanyo Semicon Device LC72709W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
No. 5876-3/16
LC72709E, 72709W
Block Diagram
Pin Assignments
1T delay
Synchronization
regeneration
PN
decoding
Output control
(CPU interface)
Antialiasing
filter
Timing control
Memory array
Error
correction
Layer 2 CRC
Data
Address
Layer 4 CRC
2T delay
Clock
regeneration
MSK
correction
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output off leakage current
IOFF
VO = VDDD, DO
5
µA
Hysteresis voltage
VHIS
CL, CE, DI, RST, STNBY
0.1 VDD
V
Internal feedback resistor
Rf
XIN, XOUT
1.0
M
Ω
Current drain
IDD
18
25
mA
Continued from preceding page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com