Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33480 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33480
OPERATIONAL MODES
Figure 8. Operating Modes State Machine
START-UP SEQUENCE
The 33480 enters in Normal Mode after start-up if following
sequence is provided:
• Vbat and Vcc power supplies must be above their
undervoltage thresholds (Sleep mode).
• generate wake up event (wake=1) from 0 to 1 on RSTB.
The device switches to normal mode.
• apply PWM clock after maximum 200us (min 50us).
• send SPI command to the Device status register to
clear the clock fail flag to enable the PWM module to
start.
If the correct start-up sequence is not provided, the PWM
function is not guaranteed.
The following figure describes the wake-up block diagram.
Sleep
(fail=0) and (wake=1)
(wake=0)
Fail
Normal
(wake=0)
(fail=1) and (wake=1)
(fail=0) and (wake=1)
(wake=1) and (fail=1) *
Notes:
* only available in case of Vcc fail condition
wake=(RSTB=1) OR (IGN_ON=1) OR (Flasher_ON=1)
fail=(Vcc_fail=1) OR (SPI_fail=1) OR (ext_limp=1)
Power OFF
VBAT > VBATPOR
VBAT < VBATPOR
VBAT < VBATPOR
VBAT < VBATPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com