Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33480 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33480
PROTECTION AND DIAGNOSIS FEATURES
Figure 12. Faults management in Fail Mode (for OUT[1:5] only)
Diagnosis
Open Load
The 33480 provides open load detection for each output
(OUT1:OUT5) when the output terminal is in the ON state.
Open load detection levels can be chosen by SPI to detect a
standard bulb, a Xenon bulb for OUT2 only, or LEDs (OLLED
bit). Open load for LEDs only is detected during each regular
switch-off transition for minimum 200µs (PWM depending
D[6:0] bits <> 7F) or periodically each tOLLED (fully-on,
D[6:0]=7F). To detect OLLED in fully on state, the output
must be on at least tOLLED. When an open load has been
detected, the output stays ON.
To delatch the diagnosis, the condition should be removed
and SPI read operation is needed (OL bit). In case of Power
on Reset on Vbat, the fault will be reset.
Current Sense
The 33480 diagnosis for load current (OUT1:6) is done
using the current sense (CSNS) terminal connected to an
external resistor. The routing of the current sense sources is
SPI programmable (MUX[2,0] bits).
OFF
out: OFF
autorestart=0
OCHI1
out: external
OCHI2
out: external
OCLO
out: external
(external_ON=1)
(t>tOCHI1) and (autorestart=0)
OFF-latched
State
OFF Autorestart
out: OFF
autorestart=1
(OT=1) or
(OCHI1=1)
(OT=1)
(OT=1)
(t>tOCHI2) and (autorestart=0)
(UV=1) or (OCHI2=1)
(OCLO=1) or
(UV=1)
(t>tOCHI1_AUTO) and (autorestart=1)
(UV=1)
(t>tautorestart) and
(UV*=0)
(UV=1)
and
(external_on=1)
(external_ON=0)
external_ON
external
external: IGN, Flasher
external_ON: IGN_ON, Flasher_ON
Note: * See Autorestart strategy chapter.
1.4 sec min
(external_ON=0)
(external_ON=0)
(external_ON=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com