Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33480 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33480
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
AUTORESTART STRATEGY
The autorestart circuitry is used to supervise the outputs
and reactivate high-side switches in case of overload or
undervoltage failure conditions to provide a high availability
of the outputs.
Autorestart feature is available in Fail mode when no
supervising intelligence of the microcontroller is available.
Autorestart is activated in case of overload condition (OCHI2
or OCLO) or undervoltage condition on VBat (see Fig10).
The autorestart switches ON the outputs. During ON state
of the switch OCHI1 window is enable for tochi_Auto then
after the output is protected by OCLO.
Figure 7. Overcurrent window in case of Autorestart
In case of OCHI1 or OT, the switch is latched OFF until
wake up (wake=0 then1).
In case of OCLO or undervoltage, the output switch OFF
and after autorestart period (150ms for 10mohm or 75ms for
35mhom) turn ON again.
In case of under voltage occurred in fail mode, it will be
latched twice: one latch for outputs 1 and 5 and the second
latch for output 2. That means the corresponding output is
switched on only after its autorestart period (tAUTORST-T1 or
tAUTORST-T2).
The Autorestart is not limited in time.
TRANSITION FAIL TO NORMAL MODE
To leave the fail mode, the fail condition must be removed
(fail=0). The microcontroller has to send a SPI command with
D10 must be to logic [1] to reset the watchdog bit ; the other
bits are not considered. The previous latched faults are reset
by the transition into Normal mode.
TRANSITION NORMAL TO FAIL MODE
To leave the Normal Mode, a fail condition must occur
(fail=1). The previous latched faults are reset by the transition
into Fail mode.
Output current
OCHI1
OCLO
time
tochi_auto
Auto period
OCLO or UV fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com