Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33480 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33480
FUNCTIONAL DESCRIPTION
FUNCTIONAL TERMINAL DESCRIPTION
SERIAL INPUT (SI)
The SI terminal is a serial interface command data input
terminal. Each SI bit is read on the falling edge of SCLK. A
16-bit stream of serial data is required on the SI terminal,
starting with D15 to D0. SI has an internal pulldown, Idown.
SERIAL OUTPUT (SO)
The SO data terminal is a tri-stateable output from the shift
register. The SO terminal remains in a high-impedance state
until the CS terminal is put into a logic [0] state. The SO data
is capable of reporting the status of the output, the device
configuration, and the state of the key inputs. The SO
terminal changes state on the rising edge of SCLK and reads
out on the falling edge of SCLK.
CHIP SELECT (CS)
The CS terminal enables communication with the master
device. When this terminal is in a logic [0] state, the device is
capable of transferring information to, and receiving
information from, the master device. The 33480 device
latches in data from the Input Shift registers to the addressed
registers on the rising edge of CS. The device transfers status
information from the power output to the Shift register on the
falling edge of CS. The SO output driver is enabled when CS
is logic [0]. CS should transition from a logic [1] to a logic [0]
state only when SCLK is a logic [0]. CS has an internal pullup,
IUP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com