Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33981 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33981
TYPICAL APPLICATIONS
EMC AND EMI RECOMMENDATIONS
Figure 27. VPWR Current
HOW TO REDUCE ELECTROMAGNETIC EMISSION
By adjusting the slew rate of the device during turn ON and
turn OFF with SR capacitor, the electromagnetic emissions
can be reduced.
Conductive emission tests were performed (taking care of
the board filtering and routing that have a big impact on EMC
performances).
An optimized solution was found by adding the following
external components to the initial board:
• PI filter on the VPWR: 2 x 3 μF and 3.5μH
• RC IN filter between VPWR and GND: a 2.0 Ω resistor in
series with a 100 nF capacitor
• RC Out filter between OUT and GND: a 4.7
Ω resistor
in series with a 100 nF capacitor
• Capacitor C1 of 10 nF between VPWR and GND
• Capacitor C2 of 10 nF between OUT and GND
• Capacitor C3 of 10 nF between OUT and VPWR
• Capacitor SR of 3.3 nF
Figure 28. 33981 with Filter
The EMC enhanced board with adapted value filter is
represented in Figure 29.
Figure 29. Enhanced Board
The chart in Figure 30 shows the spectrum of the
enhanced board and the initial board. The improvement is
appreciatively 15 dB to 20 dB in the all frequency range. The
enhanced board is now in accordance with the Class 3 limits
of the CISPR25 standard for conducted emission.
Figure 30. Conducted Emission Spectrum for 33981
RADIATED MEASUREMENTS
This test was performed in order to evaluate the
characteristic of the device relating to radiated emission.
Measurements have been done in accordance with the
Duty Cycle
Increase
I(t) on V
BAT
t
33891
SR
3.3 nF
PI f
ilter
C 3 = 10 nF
3000 µF
3.5µH
OU T
VBAT
RC In Filter
RC Out Filter
GND
33981
PI
Filter
C3
C1
SR
RC Out
Filter
C2
RC In
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com