Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33981 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33981
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 45. Thermal Test Board
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air
.
This device is a dual die package. Index m indicates the
die that is heated. Index n refers to the number of the die
where the junction temperature is sensed.
16-Pin PQFN
0.90 mm Pitch
12.0mm x 12.0mm Body
33981 Pin Connections
Transparent Top View
A
with exposed pads
16
15
14
13
OUT
OUT
GND
VPWR
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area,
including edge connector for thermal
testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 8. Thermal Resistance Performance
Thermal
Resistance
Area A
(mm2)
1 = Power Chip, 2 = Logic Chip (
°C/W)
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
ΡθJAmn
0
66
51
84
300
47
37
73
600
43
34
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com