Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33981 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33981
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 46. Device on Thermal Test Board RθJA
Figure 47. Transient Thermal Resistance RθJA,
1 W Step response,Device on Thermal Test Board Area A = 600(mm2)
0
10
20
30
40
50
60
70
80
90
Heat spreading area A [mm²]
0
300
600
RθJA11
RθJA22
RθJA12 =RθJA21
x
0.1
1
10
100
1.00E-03 1.00E-02
1.00E-01 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
RθJA11
RθJA22
RθJA12 =RθJA21
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com