Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33981 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33981 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33981 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33981
TYPICAL APPLICATIONS
POWER DISSIPATION
DC MOTOR 200W
A concrete example is the 33981. A 200 W DC motor, a
frequency of 20 kHz, and an ambient temperature of 85ºC
are chosen. The 33981 is evaluated using the following
board. The thermal impedance of the board is in the range of
15ºC/W.
Figure 39. 33981 Evaluation Board
POWER DISSIPATION
Figure 40 illustrates the power dissipation in the 33981.
The conditions are listed in Figure 38. Maximum power
dissipation of 3.1 W is obtained with a duty of 95%.
Figure 40. Power Dissipation (Pon and Pswitching) vs.
Duty Cycle
INFLUENCE OF SR CAPACITOR
The SR capacitor value has an impact on these switching
losses. Figure 41 illustrates the percentage of the switching
losses versus the total power dissipation for the same load
conditions as Figure 38. The higher the SR capacitor value,
the higher the switching losses. They can be more than 50%
of the total power dissipation in the 33981 with a 4.7 nF
capacitor and is a basic applications trade-off. A compromise
should be found between the power dissipation and the
electromagnetic capability (EMC) performance.
Figure 41. Power Switching vs. SR Capacitor
RECIRCULATION PHASE
Figure 42 illustrates the power dissipation for the two
recirculation approaches, diode or low side MOSFET. The
power dissipation gain for the entire system when using the
low side instead of the diode can reach up to 1.5 W with a
duty cycle of 50%.
Figure 42. Total Board Power Dissipation
JUNCTION TEMPERATURE
The junction temperature of the 33981 versus duty cycle
for the condition listed in Figure 38, is given in Figure 43. The
maximum obtained junction temperature is 132ºC with a duty
0
0.5
1.5
2.5
3.5
0
10
20
30
40
50
60
70
80
90
100
Pon_st
ate
P switching
Ptotal
M C 33981 Pow erDissipati
on
3.0
2.0
1.0
Duty Cycle (%)
0
1
2
3
4
5
6
02 .2
3 .3
4 .7
Pswitchin g
Pon
C s r (nF)
0
1
2
3
4
5
6
02 .2
3 .3
4 .7
Pswitchin g
Pon
C s r (nF)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
60
70
80
90
100
Pow erHS
Pow erDiode
Pow erTotalBoard with Diode
Pow erLS
Pow erTotalBoard with LS
Total Board Power Dissipation
Ratio PWM %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com